PART |
Description |
Maker |
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
EDS11-160C |
PX series digital temperature controller MICRO-CONTROLLER X (96 × 96 mm)
|
Fuji Electric
|
EM55002 EM55M450 |
Multiphase PWM Controller with Precision Rds, On or DCR Current Sensing; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R EM55000 series - Tiny controller based Synthesizer with Direct Drive EM55000系列-基于微型控制器直接驱动合
|
Bivar, Inc.
|
1734-EP24DC 1761-MMB 1761-NET-AIC 1761-CBL-PM02 17 |
CONVERTER INTERFACE CABLE SERIAL 2M CONTROLLER AC 6 IN/4 OUT 4 IN/1 OUT CONTROLLER DC 6 IN/4 OUT 4 IN/1 OUT CONTROLLER AC 20 IN/12 OUT CONTROLLER DC 20 IN/12 OUT CABLE INTERFACE CABLEINTERFACE CONTROLLER DC 10 IN/6 OUT CONTROLLER AC 10 IN/6 OUT BOOK MICROLOGIX FAMILY INTRO 预订MICROLOGIX家庭介绍技 DISTRIBUTOR FOR 1734-ADN 经销商的1734,很殷切
|
Crane Connectors
|
2E20UM 2E2.5UM 2E6UM 2E4UM 2E3UM 2E3.5UM 2E30UM 2E |
V-EA-Series - UL508 Manual Motor Controller
|
Altech corporation
|
UPD17072GB-XXX-1A7 UPD17072GB-XXX-9EU UPD17073GB-X |
17K series portable DTS controller
|
NEC
|
AN10981 |
GreenChip TEA1738 series fixed frequency flyback controller
|
NXP
|
W53320 W53300 |
16Voice/Melody/LCD Controller(View TalkTM Series)
|
Winbond Electronics Corp WINBOND[Winbond]
|
EDS11-102E |
FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
|
Fuji Electric
|
HD4048212R HD404829FS |
(HD404829R Series) AS Microcomputer Incorporating a LCD controller/Driver Circuit
|
Renesas Technology
|
ASD530F-03-10S ASP530F-03-08S ASP530F-03-10S ASD53 |
SPEED CONTROLLER 6MM SPEED CONTROLLER 4MM SPEED CONTROLLER 8MM 调速器8毫米 SPEED CONTROLLER 12MM 调速器12毫米 SPEED CONTROLLER 10MM 调速器10毫米
|
Maxim Integrated Products, Inc. Abracon, Corp. Honeywell International, Inc.
|
CXP401 |
SPC500 Series CPU core 6-KB ROM, 400-word RAM LCD controller/driver on chip SPC500 Series CPU core 6-KB ROM/ 400-word RAM LCD controller/driver on chip
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|